Part Number Hot Search : 
S04DMS RGP40 M317LZ IRLI530N TDSO5150 MCT2X GP30ME3 ICS503MT
Product Description
Full Text Search
 

To Download FSDH321L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2005 fairchild semiconductor corporation www.fairchildsemi.com rev.1.0.5 fps tm is a trademark of fairchild semiconductor corporation. features ? internal avalanche rugged sense fet ? consumes only 0.65w at 240vac & 0.3w load with advanced burst-mode operation ? frequency modulation for emi reduction ? precision fixed operating frequency ? internal start-up circuit ? pulse-by-pulse current limiting ? abnormal over current protection (aocp) ? over voltage protection (ovp) ? over load protection (olp) ? internal thermal shutdown function (tsd) ? auto-restart mode ? under voltage lockout (uvlo) ? low operating current (max 3ma) ? adjustable peak current limit ? built-in soft start applications ? smps for stb, low cost dvd player ? auxiliary power for pc ? adapter & charger related application notes ? an-4137, 4141, 4147(flyback) / an-4134(forward) description each product in the fsdx321 (x for h, l) family consists of an integrated pulse width modulator (pwm) and sense fet, and is specifically designed for high performance off- line switch mode power supplies (smps) with minimal external components. both devices are integrated high volt- age power switching regulators which combine an avalanche rugged sense fet with a current mode pwm control block. the integrated pwm controller features include: a fixed oscillator with frequency modulation for reduced emi, under voltage lock out (uvlo) protection, leading edge blanking (leb), an optimized gate turn-on/turn-off driver, thermal shut down (tsd) protection, abnormal over cur- rent protection (aocp) and temperature compensated preci- sion current sources for loop compensation and fault protection circuitry. when compared to a discrete mosfet and controller or rcc switching converter solution, the fsdx321 devices reduce total component count, design size, weight while increasing efficiency, productivity and system reliability. both devices provide a basic platform that is well suited for the design of cost-effective flyback converters. notes : 1. typical continuous powe r in a non-ventilated enclosed adapter with sufficient drain pattern as a heat sinker, at 50 c ambient. 2. maximum practical continuous power in an open frame design with sufficient drain pattern as a heat sinker, at 50 c ambient. 3. 230 vac or 100/115 vac with doubler. typical circuit figure 1. typical flyback application output power table product 230vac 15% (3) 85-265vac adapt- er (1) open frame (2) adapt- er (1) open frame (2) fsdl321 11w 17w 8w 12w fsdh321 11w 17w 8w 12w fsdl0165rn 13w 23w 11w 17w fsdm0265rn 16w 27w 13w 20w fsdh0265rn 16w 27w 13w 20w fsdl0365rn 19w 30w 16w 24w fsdm0365rn 19w 30w 16w 24w fsdl321l 11w 17w 8w 12w FSDH321L 11w 17w 8w 12w fsdl0165rl 13w 23w 11w 17w fsdm0265rl 16w 27w 13w 20w fsdh0265rl 16w 27w 13w 20w fsdl0365rl 19w 30w 16w 24w fsdm0365rl 19w 30w 16w 24w drain source vstr vfb vcc pwm ac in dc out ipk fsdh321, fsdl321 green mode fairchild power switch (fps tm )
fsdh321, fsdl321 2 internal block diagram figure 2. functional block diagram of fsdx321 8v/12v 2 6,7,8 1 3 vref internal bias s q q r osc vcc vcc i delay i fb v sd tsd vovp vcc vocp s q q r r 2.5r vcc good vcc drain vfb gnd aocp gate driver 5 vstr i ch vcc good v burl /v burh leb pwm + - 4 ipk freq. modulation v burh vcc i bur(pk) burst normal soft start
fsdh321, fsdl321 3 pin definitions pin configuration figure 3. pin confi guration (top view) pin number pin name pin function description 1 gnd sense fet source terminal on primary side and internal control ground. 2vcc positive supply voltage input. although connected to an auxiliary transform- er winding, current is supplied from pi n 5 (vstr) via an internal switch during startup (see internal block diagram sect ion). it is not until vcc reaches the uvlo upper threshold (12v) that the internal start-up switch opens and de- vice power is supplied via the auxiliary transformer winding. 3vfb the feedback voltage pin is the non-inverting input to the pwm comparator. it has a 0.9ma current source connected internally while a capacitor and op- tocoupler are typically connected externally. a feedback voltage of 6v trig- gers over load protection (olp). there is a time delay while charging external capacitor cfb from 3v to 6v using an internal 5ua current source. this time delay prevents false triggering under transient conditions, but still allows the protection mechanism to operate under true overload conditions. 4ipk this pin adjusts the peak current limit of the sense fet. the feedback 0.9ma current source is diverted to the parallel combination of an internal 2.8k ? resistor and any external resistor to gnd on this pin to determine the peak current limit. if this pin is tied to vcc or left floating, the typical peak cur- rent limit will be 0.7a. 5vstr this pin connects directly to the rectified ac line voltage source. at start up the internal switch supplies internal bias and charges an external storage capacitor placed between the vcc pin and ground. once the vcc reaches 12v, the internal switch is opened. 6, 7, 8 drain the drain pins are designed to connect di rectly to the primary lead of the transformer and are capable of switching a maximum of 650v. minimizing the length of the trace connecting these pins to the transformer will decrease leakage inductance. 1 2 3 45 6 7 8 gnd vcc vfb ipk vstr drain drain drain 8dip 8lsop
fsdh321, fsdl321 4 absolute maximum ratings (ta=25 c, unless otherwise specified) note: 1. repetitive rating: pulse width is limit ed by maximum junction temperature 2. l = 24mh, starting tj = 25 c thermal impedance (ta=25 c, unless otherwise specified) note: 1. free standing with no heatsink; without copper clad. / measurement conditi on : just before j unction temperature t j enters into otp. 2. measured on the drain pin close to plastic interface. - all items are tested with the st andards jesd 51-2 and 51-10 (dip). characteristic symbol value unit drain pin voltage v drain 650 v vstr pin voltage v str 650 v drain-gate voltage v dg 650 v gate-source voltage v gs 20 v drain current pulsed (1) i dm 1.5 a continuous drain current (tc=25) i d 0.7 a continuous drain current (tc= 100 ) i d 0.32 a single pulsed avalanche energy (2) e as 10 mj supply voltage v cc 20 v feedback voltage range v fb -0.3 to v cc v total power dissipation p d 1.40 w operating junction temperature t j internally limited c operating ambient temperature t a -25 to +85 c storage temperature t stg -55 to +150 c parameter symbol value unit 8dip junction-to-ambient thermal (1) ja 88.84 c/w junction-to-case thermal (2) jc 13.94 c/w
fsdh321, fsdl321 5 electrical characteristics (ta = 25 c unless otherwise specified) note : 1. pulse test: pulse width 300us, duty 2% 2. these parameters, although guaranteed, ar e tested in eds (wafer test) process 3. these parameters, although guaranteed, are not 100% tested in production parameter symbol condition min. typ. max. unit sense fet section zero-gate-voltage drain current i dss v ds =650v, v gs =0v - - 25 a v ds =520v, v gs =0v, t c =125 c - - 200 drain-source on-state resistance r ds(on) v gs =10v, i d =0.5a - 14 19 ? forward trans-conductance (1) g fs v ds =50v, i d =0.5a 1.0 1.3 - s input capacitance c iss v gs =0v, v ds =25v, f=1mhz - 162 - pf output capacitance c oss -18- reverse transfer capacitance c rss -3.8- turn-on delay time t d(on) v ds =325v, i d =1.0a -9.5- ns rise time t r -19- turn-off delay time t d(off) -33- fall time t f - 42 - total gate charge q g v gs =10v, i d =1.0a, v ds =325v -7.0- nc gate-source charge q gs -3.1- gate-drain (miller) charge q gd -0.4- control section switching frequency f osc fsdh321 90 100 110 khz switching frequency modulation ? f mod 2.5 3.0 3.5 khz switching frequency f osc fsdl321 45 50 55 khz switching frequency modulation ? f mod 1.0 1.5 2.0 khz switching frequency variation (2) ? f osc -25 c ta 85 c - 5 10 % maximum duty cycle d max fsdh321 62 67 72 % fsdl321 71 77 83 % uvlo threshold voltage v start v fb =gnd 11 12 13 v v stop v fb =gnd 7 8 9 v feedback source current i fb v fb =gnd 0.7 0.9 1.1 ma internal soft start time t s/s v fb =4v 10 15 20 ms burst mode section burst mode voltage v burh tj=25 c 0.4 0.5 0.6 v v burl 0.25 0.35 0.45 v v bur(hys) hysteresis - 150 - mv protection section peak current limit i lim tj=25 c, ? i/ ? t=250ma/us 0.60 0.70 0.80 a current limit delay time (3) t cld tj=25 c - 600 - ns thermal shutdown temperature (3) t sd 125 145 - c shutdown feedback voltage v sd 5.5 6.0 6.5 v over voltage protection v ovp 18 19 20 v shutdown delay current i delay v fb =4v 3.5 5.0 6.5 a leading edge blanking time t leb 200 - - ns total device section operating supply current (control part only) i op v cc =14v, v fb =0v 1 3 5 ma start-up charging current i ch v cc =0v 0.7 0.85 1.0 ma vstr supply voltage v str v cc =0v 35 - - v
fsdh321, fsdl321 6 comparison between fsdm311 and fsdx321 function fsdm311 fsdx321 fsdx321 advantages soft-start 15ms 15ms (same for both devices) ? gradually increasing current limit during soft-start further reduces peak current and voltage stresses ? eliminates external components used for soft-start in most applications ? reduces or eliminates output overshoot external current limit not applicable programmable of default current limit ? smaller transformer ? allows power limiting (constant over- load power) ? allows use of larger device for lower losses and higher efficiency. frequency modulation not applicable 3.0khz @100khz 1.5khz @50khz ? reduces conducted emi burst mode operation built into controller built into controller (same for both devices) ? improves light load efficiency ? reduces power consumption at no- load ? transformer audible noise reduction drain creepage at package 7.62mm 7.62mm (same for both devices) ? greater immunity to arcing provoked by dust, debris and other contami- nants
fsdh321, fsdl321 7 typical performance char acteristics (control part) ( these characteristic graphs are normalized at ta = 25 c) 0.00 0.20 0.40 0.60 0.80 1.00 1.20 -50 0 50 100 150 temp[ ] normalized operating frequency (fosc) vs. ta 0.00 0.20 0.40 0.60 0.80 1.00 1.20 -50 0 50 100 150 temp[ ] normalized frequency modulation ( ? f mod ) vs. ta 0.00 0.20 0.40 0.60 0.80 1.00 1.20 -50 0 50 100 150 temp[ ] normalized maximum duty cycle (d max ) vs. ta 0.00 0.20 0.40 0.60 0.80 1.00 1.20 -50 0 50 100 150 temp[ ] normalized operating supply current (i op ) vs. ta 0.00 0.20 0.40 0.60 0.80 1.00 1.20 -50 0 50 100 150 temp[ ] normalized start threshold voltage (v start ) vs. ta 0.00 0.20 0.40 0.60 0.80 1.00 1.20 -50 0 50 100 150 temp[ ] normalized stop threshold voltage (v stop ) vs. ta
fsdh321, fsdl321 8 typical performance characteristics (continued) 0.00 0.20 0.40 0.60 0.80 1.00 1.20 -50 0 50 100 150 temp[ ] normalized feedback source current (i fb ) vs. ta 0.00 0.20 0.40 0.60 0.80 1.00 1.20 -50 0 50 100 150 temp[ ] normalized peak current limit (i lim ) vs. ta 0.00 0.20 0.40 0.60 0.80 1.00 1.20 -50 0 50 100 150 temp[ ] normalized start up charging current (i ch ) vs. ta 0.00 0.20 0.40 0.60 0.80 1.00 1.20 -50 0 50 100 150 temp[ ] normalized burst peak current (i bur(pk) ) vs. ta 0.00 0.20 0.40 0.60 0.80 1.00 1.20 -50 0 50 100 150 temp[ ] normalized over voltage protection (v ovp ) vs. ta
fsdh321, fsdl321 9 functional description 1. startup : in previous generations of fairchild power switches (fps tm ) the vstr pin had an external resistor to the dc input voltage line. in this generation the startup resistor is replaced by an internal high voltage current source and a switch that shuts off when 15ms goes by after the supply voltage, vcc, gets above 12v. the source turns back on if vcc drops below 8v. figure 4. high voltage current source 2. feedback control : the fsdx321 employs current mode control, as shown in figure 5. an opto-coupler (such as the h11a817a) and shunt regulator (such as the ka431) are typically used to implement the feedback network. compar- ing the feedback voltage with the voltage across the rsense resistor plus an offset voltage makes it possible to control the switching duty cycle. when the ka431 reference pin volt- age exceeds the internal reference voltage of 2.5v, the opto- coupler led current increases, the feedback voltage vfb is pulled down and it reduces the duty cycle. this event typi- cally happens when the input voltage is increased or the out- put load is decreased. figure 5. pulse width m odulation (pwm) circuit 3. leading edge blanking (leb) : at the instant the inter- nal sense fet is turned on, the primary side capacitance and secondary side rectifier diode reverse recovery typically cause a high current spike through the sense fet. excessive voltage across the rsense resistor leads to incorrect feedback operation in the current mode pwm control. to counter this effect, the fps employs a leading edge blanking (leb) cir- cuit. this circuit inhibits the pwm comparator for a short time (t leb ) after the sense fet is turned on. 4. protection circuits : the fps has several protective functions such as over load protection (olp), over voltage protection (ovp), abnormal over current protection (aocp), under voltage lock out (uvlo) and thermal shut- down (tsd). because these protection circuits are fully inte- grated inside the ic without external components, the reliability is improved without increasing cost. once a fault condition occurs, switching is terminated and the sense fet remains off. this causes vcc to fall. when vcc reaches the uvlo stop voltage v stop (8v), the protection is reset and the internal high voltage current source charges the vcc capacitor via the vstr pin. when vcc reaches the uvlo start voltage v start (12v), the fps resumes its normal operation. in this manner, the auto-restart can alternately enable and disable the switching of the power sense fet until the fault condition is eliminated. 4.1 over load protection (olp) : overload is defined as the load current exceeding a pre-set level due to an unex- pected event. in this situation, the protection circuit should be activated in order to protect the smps. however, even when the smps is operating normally, the over load protec- tion (olp) circuit can be activated during the load transition. in order to avoid this undesired operation, the olp circuit is designed to be activated after a specified time to determine whether it is a transient situation or an overload situation. in conjunction with the ipk current limit pin (if used) the cur- rent mode feedback path would limit the current in the sense fet when the maximum pwm duty cycle is attained. if the output consumes more than this maximum power, the output voltage (vo) decreases below its rating voltage. this reduces the current through the opto-coupler led, which also reduces the opto-coupler transistor current, thus increasing the feedback voltage (v fb ). if v fb exceeds 3v, the feed- back input diode is blocked and the 5ua current source (i de- lay ) starts to charge cfb slowly up to vcc. in this condition, v fb increases until it reaches 6v, when the switching opera- tion is terminated as shown in figure 6. the shutdown delay time is the time required to charge cfb from 3v to 6v with 5ua current source. vin,dc vstr vcc 15ms after vcc 12v uvlo off vcc<8v uvlo on i str j-fet i ch 3 osc vcc vcc 5ua 0.9ma v sd r 2.5r gate driver olp d1 d2 v fb vfb 431 c fb vo + - v fb,in
fsdh321, fsdl321 10 figure 6. over load protection (olp) 4.2 thermal shutdown (tsd) : the sense fet and the control ic are integrated, making it easier for the control ic to detect the temperature of the sense fet. when the tem- perature exceeds approximately 145 c, thermal shutdown is activated. 4.3 abnormal over current protection (aocp) : even though the fps has olp (over load protection) and current mode pwm feedback, these are not enough to protect the fps when a secondary side diode short or a transformer pin short occurs. in addition to start-up, soft-start is also activated at each restart attempt during auto-restart and when restarting after latch mode is activated. the fps has an internal aocp (abnormal over current protection) circuit, as shown in figure 7. when the gate turn-on signal is applied to the power sense fet, the aocp block is enabled and monitors the current through the sensing resistor. the voltage across the resistor is then compared with a preset aocp level. if the sensing resistor voltage is greater than the aocp level, pulse-by-pulse aocp is triggered regardless of uncontrollable leb time . here, pulse-by-pulse aocp stops the sense fet within 350ns after it is activated. figure 7. abnormal over current protection (aocp) 4.4 over voltage protection (ovp) : in the event of a mal- function in the secondary side feedback circuit, or an open feedback loop caused by a soldering defect, the current through the opto-coupler transistor becomes almost zero (refer to figure 5). then, v fb climbs up in a similar manner to the over load situation, forcing the preset maximum cur- rent to be supplied to the smps until the over load protection is activated. because excess energy is provided to the output, the output voltage may exceed the rated voltage before the over load protection is activated, resulting in the breakdown of the devices in the secondary side. in order to prevent this situation, an over voltage protection (ovp) circuit is employed. in general, vcc is proportional to the output volt- age and the fps uses vcc instea d of directly monitoring the output voltage. if v cc exceeds 19v, ovp circuit is activated resulting in termination of the switching operation. in order to avoid undesired activation of ovp during normal opera- tion, vcc should be properly designed to be below 19v. v fb t 3v 6v over load protection t 12 = c fb (v(t 2 )-v(t 1 )) / i delay t 1 t 2 v t v v t v a i i t v t v c t delay delay fb 6 ) ( , 3 ) ( , 5 ; ) ( ) ( 2 1 1 2 12 = = = ? = vsense v fb,in gate driver rsense clk drain v aocp pwm comparator aocp comparator leb r sq
fsdh321, fsdl321 11 5. soft start : the fps has an internal soft start circuit that slowly increases the feedback voltage together with the sense fet current after it starts up. the typical soft start time is 15msec, as shown in figure 8, where progressive increments of the sense fet current are allowed during the start-up phase. the pulse width to the power switching device is progressively increas ed to establish the correct working conditions for transformers, inductors, and capaci- tors. the voltage on the output capacitors is progressively increased with the intention of smoothly establishing the required output voltage. it also helps to prevent transformer saturation and reduce the stress on the secondary diode. figure 8. soft start function 6. burst operation : in order to minimize power dissipation in standby mode, the fps enters burst mode operation. as the load decreases, the feedback voltage decreases. as shown in figure 9, the device automatically enters burst mode when the feedback voltage drops below v burh (500mv). switching still continues but the current limit is set to a fixed limit internally to minimize flux density in the transformer. the fixed current limit is larger than that defined by v fb = v burh and therefore, v fb is driven down further. switching continues until the feedback voltage drops below v burl (350mv). at this point switching stops and the output voltages start to drop at a rate dependent on the standby current load. this causes the feedback voltage to rise. once it passes v burh (500mv), switching resumes. the feedback voltage then falls and the process repeats. burst mode operation alternately enables and disables switching of the power sense fet thereby reducing switch- ing loss in standby mode. figure 9. burst operation function 7. frequency modulation : modulating the switching fre- quency of a switched power supply can reduce emi. fre- quency modulation can reduce emi by spreading the energy over a wider frequency range than the bandwidth measured by the emi test equipment. the amount of emi reduction is directly related to the depth of the reference frequency. as can be seen in figure 10, the frequency changes from 97khz to 103khz in 4ms for the fsdh321 (48.5khz to 51.5khz for fsdl321). frequency modulation allows the use of a cost effective inductor instead of an ac input mode choke to satisfy the requirements of world wide emi limits. figure 10. frequency modulation waveform 1ms 15steps current limit 0.4a 0.7a t drain current v burh switching off current waveform burst operation normal operation v fb v burl switching off burst operation 3 vcc vcc i delay i fb r 2.5r vfb v burl /v burh pwm + - v burh vcc i bur(pk) burst normal mosfet current t s f s =1/t s 100khz 103khz 97khz 4ms t drain current
fsdh321, fsdl321 12 figure 11. ka5-series fps full range emi scan(67khz, no frequency modulation) with dvd player set figure 12. fsdx-series fps full range emi scan (67khz, with frequency modulati on) with dvd player set 8. adjusting peak current limit : as shown in figure 13, a combined 2.8k ? internal resistance is connected to the non-inverting lead on the pwm comparator. a external resistance of rx on the current limit pin forms a parallel resistance with the 2.8k ? when the internal diodes are biased by the main current source of 900ua. figure 13. peak current limit adjustment for example, fsdx321 has a typical sense fet peak current limit (i lim ) of 0.7a. i lim can be adjusted to 0.5a by insert- ing rx between the ipk pin and the ground. the value of the rx can be estimated by the following equations: 0.7a : 0.5a = 2.8k ? : xk ? , x = rx || 2.8k ? . (x represents the resistance of the parallel network) frequency (mhz) amplitude (db v) frequency (mhz) amplitude (db v) 3 vcc vcc i delay i fb 2k vfb pwm comparator 4 ipk 0.8k rx sensefet current sense 900ua 5ua
fsdh321, fsdl321 13 application tips 1. methods of reducing audible noise switching mode power converters have electronic and magnetic components, which generate audible noises when the operating frequency is in the range of 20~20,000 hz. even though they operate above 20 khz, they can make noise depending on the load condition. designers can employ several methods to reduce these noises. here are three of these methods: glue or varnish the most common method involves using glue or varnish to tighten magnetic components. the motion of core, bobbin and coil and the chattering or magnetostriction of core can cause the transformer to produce audible noise. the use of rigid glue and varnish helps reduce the transformer noise. but, it also can crack the core. this is because sudden changes in the ambient temperature cause the core and the glue to expand or shrink in a different ratio according to the temperature. ceramic capacitor using a film capacitor instead of a ceramic capacitor as a snubber capacitor is another noise reduction solution. some dielectric materials show a piezoelectric effect depending on the electric field intensity. hence, a snubber capacitor becomes one of the most significant sources of audible noise. it is considerable to use a zener clamp circuit instead of an rcd snubber for higher efficiency as well as lower audible noise. adjusting sound frequency moving the fundamental frequency of noise out of 2~4 khz range is the third method. generally, humans are more sensi- tive to noise in the range of 2~4 khz. when the fundamental frequency of noise is located in this range, one perceives the noise as louder although the noise intensity level is identical. refer to figure 14. equal loudness curves. when fps acts in burst mode and the burst operation is suspected to be a source of noise, this method may be help- ful. if the frequency of burst mode operation lies in the range of 2~4 khz, adjusting feedback loop can shift the burst operation frequency. in order to reduce the burst oper- ation frequency, increase a feedback gain capacitor (c f ), opto-coupler supply resistor (r d ) and feedback capacitor (c b ) and decrease a feedback gain resistor (r f ) as shown in figure 15. typical feedback network of fps. figure 14. equal loudness curves figure 15. typical feedback network of fps 2. other reference materials an-4134 : design guidelines for off-line forward convert- ers using fairchil d power switch (fps tm ) an-4137 : design guidelines for off-line flyback convert- ers using fairchild power switch (fps) an-4140 : transformer design consideration for off-line flyback converters using fairchild power switch (fps tm ) an-4141 : troubleshooting and design tips for fairchild power switch (fps tm ) flyback applications an-4147 : design guidelines for rcd snubber of flyback an-4148 : audible noise reduction techniques for fps applications
fsdh321, fsdl321 14 typical application circuit features ? high efficiency (>70% at full load, full input range) ? low standby mode power consumption (<1w at dc 375v input and 0.5w load) ? low component count ? enhanced system reliability through various protection functions ? low emi through frequency modulation ? internal soft-start (15ms) key design notes ? the delay time for over load protection is designed to be about 13ms with c104 of 22nf. if faster/slower triggering of olp is required, c104 can be changed to a smaller/larger value(eg. 47nf for about 30ms). ? the pule-by-pulse peak current limit level(i lim ) is set to default value 0.7a by floating the ipk pin (#4). ? r102 and c101 clamp the drain voltage of mosfet below 650v under all conditions. 1. schematic application output power input vo ltage output voltage (max current) pc auxiliary power supply 10w dc 140~375v 5.0v (2.0a) 10w pc auxiliary power circuit t1 ee1625 7 10 d201 sb360 c201 1000uf 16v c203 470uf 16v l201 10uh 5v (+/-5%) 2a c101 10nf 630v 1 2 4 5 r102 100k ? 1w d101 uf 4007 c104 22nf c103 10uf 50v d103 1n 4937 r104 10 ? r202 330 ? r201 1k ? r203 2k ? c202 100nf r204 2k ? ic 301 h11a817a ic201 ka431 3 vfb vcc drain gnd 6 140~375 vdc input ic101 fsdx321 6,7,8 1 2 3 r103 10 ? d102 1n 4937 c102 47uf 50v m vcc c301 2.2nf vstr 5 r101 680k ? 1w zd1 18v zd2 18v
fsdh321, fsdl321 15 2. transformer schematic diagram 3. winding specification 4. electrical characteristics 5. core & bobbin core : eer1625 bobbin : eer1625 ee1625 n p /2 n a 1 2 3 4 5 6 7 8 n 5v n m vcc 9 10 n p /2 n a n m vcc n 5v n p /2 n p /2 pin(s f) wire turns winding method n p /2 3 2 0.15 1 80 solenoid w inding insulation : polyester tape t = 0.050m m , 3layers n 5v 10 7 0.55 1 12 solenoid winding insulation : polyester tape t = 0.050m m , 3layers n mvcc 4 6 0.20 1 40 solenoid w inding insulation : polyester tape t = 0.050m m , 3layers n p/2 2 1 0.15 1 80 solenoid w inding insulation : polyester tape t = 0.050m m , 3layers n a 5 6 0.20 1 34 solenoid w inding o uter insulation : polyester tape t = 0.050m m , 3layers pin spec. remark in du cta nce 1 3 1 .8 m h 1kh z, 1v leakage 1 3 100 uh 2nd side all short
fsdh321, fsdl321 16 6. demo circuit part list part value note part value note resistor inductor r101 680k 1w l201 10uh - r102 100k 1w - r103 10 1/4w diode r104 10 1/4w d101 uf4007 pn ultra fast r201 1k 1/4w d102 1n4937 pn ultra fast r202 330 1/4w d103 1n4937 pn ultra fast r203 2k 1/4w d201 sb360 schottky r204 2k 1/4w zd1 1n4746a 18v zener zd2 1n4746a 18v zener capacitor c101 10nf/630v film ic c102 47uf/50v electrolytic ic101 fsdh321 fps? c103 10uf/50v electrolytic ic201 ka431(tl431) voltage reference c104 22nf/50v film ic301 h11a817a opto-coupler c201 1000uf/16v electrolytic c202 100nf/50v ceramic c203 1uf/100v electrolytic c204 470uf/16v electrolytic c301 2.2nf/35v ceramic
fsdh321, fsdl321 17 package dimensions 8dip
fsdh321, fsdl321 18 package dimensions (continued) 8lsop
fsdh321, fsdl321 19 ordering information product number package marking code bv dss f osc r ds(on) fsdh321 8dip dh321 650v 100khz 14 ? fsdl321 8dip dl321 650v 50khz 14 ? FSDH321L 8lsop dh321 650v 100khz 14 ? fsdl321l 8lsop dl321 650v 50khz 14 ?
fsdh321, fsdl321 9/29/05 0.0m 001 ? 2005 fairchild semiconductor corporation life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of the president of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain li fe, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others.


▲Up To Search▲   

 
Price & Availability of FSDH321L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X